Part Number Hot Search : 
DF06S 1510G LA1207 TD62786 73U3337K 0460005 43NFR10E ADC0804
Product Description
Full Text Search
 

To Download IDT75K62134 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4.5M and 9M Network Search Engine (NSE) with QDRTM Interface
Product Brief IDT75K52134 IDT75K62134
To request the full datasheet, please contact your local IDT Sales Representative or call 1-831-754-4555
Introduction
Evolving network speeds require critical functions such as forwarding and classification to migrate towards dedicated hardware devices. The Network Search Engine (NSE) based on IDT's CAM (Content Addressable Memory) technology accelerates search functions required for applications such as Access Control Lists (ACL), Flow Caching and Forwarding.
Device Description
The NSE with a single QDRTM (Quad Data Rate) interface is intended to work with any NPU having a QDRTM look aside interface. Multiple devices including the QDRTM NSE can be connected to the same QDRTM interface. Each QDRTM NSE device may be point-to-point expanded up to eight NSE devices.
NSE Features
x x x
External Interfaces
The following external interfaces are supported by the QDRTM NSE device Single QDRTM NPU interface - QDRTM Clock Frequency up to 250 MHz - Supports QDRTM burst of 2 - Echo clocks supported (CQ, CQ) x Point-to-Point Cascading Interface - Up to eight NSEs can be cascaded using this scheme x Associated Data SRAM with standard ZBT(R) Interface x Boundary Scan JTAG Interface (IEEE 1149.1)
x
x
x
x x x x
x x x x x x x
128K x 72 (9M) or 64K x 72 (4.5M) Data and Mask cells Full Ternary Content Addressable Memory Advanced Database Management - Selectable Databases - Programmable Width per Database - Lookup widths from 32 to 576 bits - Only the selected Database is powered Lookup Instructions - Standard Lookup - Multi-Hit Lookup - Multi-Database Lookup - Re-Issue Multi-Database Lookup Maintenance Features - Aging - Multi Hit Invalidate - Learn per Database Multi-Context support Pool of (72-bit) Global Mask Registers (shared across contexts) In-Band Control and Management Assoicated Data SRAM is supported through a glue-less ZBT(R) interface Lowest Power per Application Synchronous Pipeline Operation Boundary Scan JTAG Interface 1.2V Core Supply 1.5V HSTL I/O Supply 2.5V I/O Supply for ZBT(R) Associated Data SRAM 35mm x 35mm BGA Package
Figure 1.0 QDRTM NSE External Interfaces
QDR Read Control Logic
256K x 36 Full Ternary Content Addressable Memory
Cascade Interface
QDR Write Control Logic
ZBT Interface
JTAG Interface
6070 drw04aa
JANUARY 2003
1
(c) 2002 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice. DSC-6070/00 ZBT and ZeroBus Turnaround are trademarks of Integrated Device Technology, Inc. and the architecture is supported by Micron Technology and Motorola Inc. QDRTM - Quad Data Rate (Trademark of Cypress, IDT, Micron, NEC and Samsung.) All brands or products are the trademarks or registered trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of IDT75K62134

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X